|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Full-Color Top-View Chip LED (2.7 x 2.4 x .95 mm, 110 View Angle) OVSTRGBAC6 * * * Red/green/blue + white in single surface mount package 8 mm tape on 7" reel compatible with automatic placement equipment Each chip individually addressable to provide color ondemand Product Photo Here The OVSTRGBAC6 is a full-color chip LED with multiple viewing angles and the ability to produce all colors of the visible spectrum, plus white. This small package, combined with high-light output, is ideal for miniature applications. Applications * Automotive (backlighting in dashboard and switches) * Telecommunications (indicator and backlighting in telephone and fax) * Flat backlight (LCDs, membrane switches and symbols) * Personal/portable appliances (mobile phones, pagers, audio/video players and GPS) Part Number OVSTRGBAC6 Material AlInGaP/InGaN Emitted Color Red/Green/Blue Intensity Typ. mcd 100 / 300 / 80 Lens Color Water Clear Pin # 1 2 3 4 Description Red Cathode Green Cathode Blue Cathode Common Anode RoHS Moisture DO NOT LOOK DIRECTLY AT LED WITH UNSHIELDED EYES OR DAMAGE TO RETINA MAY OCCUR. OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 12/05 Page 1 of 6 Full-Color Top-View Chip LED OVSTRGBAC6 Absolute Maximum Ratings SYMBOL PARAMETER VALUE RED GREEN BLUE UNIT PD IF IFP VR TOPR TSTG Power Dissipation (per lamp) DC Forward Current (per chip) Pulsed Forward Current 1 ---40 150 5 135 20 100 5 -30 ~ +85 -40 ~ +100 ---20 100 5 mW mA mA V C C Reverse Voltage (per chip) Operating Temperature Storage Temperature Note: 1. Duty = 1/10 pulse width 10 msec. Electrical Characteristics TA = 25oC unless otherwise noted RED SYMBOL IV VF D PARAMETER MIN TYP MAX UNITS CONDITIONS Luminous Intensity (axial direction) Forward Voltage Dominant Wavelength Spectral Line Half Width 62 ---613.5 ---- 100 2.0 ---20 170 2.8 627.5 ---- mcd V nm nm IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA GREEN SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS IV VF D Luminous Intensity (axial direction) Forward Voltage Dominant Wavelength Spectral Line Half Width 233 ---520 ---- 300 3.4 ---35 476 3.9 540 ---- mcd V nm nm IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA BLUE SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS IV VF D Luminous Intensity (axial direction) Forward Voltage Dominant Wavelength Spectral Line Half Width 60 ---465 ---- 80 3.4 ---25 128 3.9 480 ---- mcd V nm nm IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 12/05 Page 2 of 6 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Full-Color Top-View Chip LED OVSTRGBAC6 Ranking RANK RED LUMINOUS INTENSITY (MCD) GREEN BLUE B C D E F G H J K L M N 233 ~ 333 62 ~ 87 333 ~ 476 233 ~ 333 87 ~ 122 333 ~ 476 233 ~ 333 122 ~ 170 333 ~ 476 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 60 ~ 88 88 ~ 128 Notes: 1. All ranks will be included per delivery. Rank ratio will be based on the chip distribution. 2. To designate luminous intensity ranks, please contact OPTEK. Beam Pattern Relative Luminous Intensity OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 12/05 Page 3 of 6 Full-Color Top-View Chip LED OVSTRGBAC6 Typical Electro-Optical Characteristics Curves Relative Luminous Intensity mA V C Forward Current vs Forward Voltage Relative Luminous Intensity vs Forward Current Relative Luminous Intensity Relative Luminous Intensity Relative Luminous Intensity vs Wavelength nm C Relative Luminous Intensity vs Ambient Temperature mA C Forward Current vs Ambient Temperature OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 12/05 Page 4 of 6 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Full-Color Top-View Chip LED OVSTRGBAC6 Packing Information Label (product name, product number, lot number and quantity are described) Carrier Tape Dimensions: Loaded quantity 3000 pieces per reel TAPING DIMENSIONS UNIT: MM Vacancy Products Vacancy Cover Tape (END) Min. 400 mm Min. 160 mm LEAD MINIMUM: 400 MM (START) Polarity Mark OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 12/05 Page 5 of 6 Full-Color Top-View Chip LED OVSTRGBAC6 Moisture Resistant Reel Packaging Label Aluminum Moisture-proof Bag Desiccant Bar Code Label OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 12/05 Page 6 of 6 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com |
Price & Availability of OVSTRGBAC6 |